Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C901AVC Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 47Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 48Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 49Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 50Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 51Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 52Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Am79C901A
51
PR ELI M IN AR Y
HPR17: HomePNA PHY Status/Control Register (Register 17)
The HomePNA PHY Status/Control Register pro-
vides information regarding the global aspects of the
operation of the PHY.
Table 27.
HPR17: HomePNA PHY Status/Control Register (Register 17)
HPR18 and HPR19: HomePNA PHY TxCOMM
Registers (Registers 18 and 19)
Table 28.
HPR18 and HPR19: HomePNA PHY TxCOMM Registers (Registers 18 and 19)
The 32-bit transmitted data field is to be used for out-
of-band communication between PHY management
entities. No protocol for out-of-band management has
been defined. Accessing the low word causes the PHY
to send all-0 PCOMs until the high word has been ac-
cessed. Once accessed, the next transmitted packet
will cause this register’s contents to be shifted out in the
PCOM field of the transmitted packet. Upon transmis-
sion, this register will read back as all 0s. A non-null
transmitted PCOM will set the TxPCOM Ready bit in
the Event Status Register (HPR26). An access to any
of the two TxPCOM words will clear the TxPCOM
Ready bit in the ISTAT register.
Bits
Name
Description
Read/Write
Default
Value
(hex)
15:13
Reserved
Test control bits. Reads will produce undefined
results. Should be written as 0.
R00
12
any1Home_ Disable
1 = any1Home Link packet disabled
0 = any1Home Link packet enabled
R/W
0
11:8
Reserved
Test control bits. Reads will produce undefined
results. Should be written as 0.
R
3
7
Reserved
Test control bit. Reads will produce undefined
results. Should be written as 0.
R0
6
Received_Power
1 = Last packet received, was sent at High Power
0 = Last packet received, was sent at Low Power
R0
5
Received_Speed
1 = Last packet received, was sent at High Speed
0 = Last packet received, was sent at Low Speed
R0
4
Received_Ver
1 = Last packet received, was sent at Version XX
0 = Last packet received, was sent at Version 0
R0
3:0
Reserved
Test control bits. Reads will produce undefined
results. Should be written as 0.
RX
Bits
Name
Description
Read/Write
Default
Value
(hex)
15:0
PHY_TX_COMM (4)
The 32-bit preamble transmitted on the HomePNA
PHY. HPR18 contains the high word and HPR19 the
low word.
R/W
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com