| Electronic Components Datasheet Search |
|
AM79C901AVC Datasheet(PDF) 33 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C901AVC Datasheet(HTML) 33 Page - Advanced Micro Devices |
|
33 / 90 page ![]() Am79C901A 33 PR ELI M IN AR Y Figure 17. AID Symbol Transmit Timing Figure 18. AID Symbol Receive Timing The SYNC interval is followed by six AID symbols (symbols 1 through 6). Transmit timing is shown in Fig- ure 17; receive timing in Figure 18. Data is encoded in the relative position of each pulse with respect to the previous one. A pulse may occur at one, and only one, of the four possible positions within an AID symbol yielding two bits of data coded per AID symbol. The decoded bits from the AID symbols 1 to 4 produce eight bits of Access ID which is used to identify individ- ual HomePNA stations and to detect collisions. The MSB is encoded in AID Symbol 1 and is the leftmost bit in Table 7. Table 7. Access ID Symbol Pulse Positions and Encoding AID Symbol 0 AID Symbol 1 AID Symbol 2 pulse 2 shown in position 1 pulse 0 pulse 1 TIC=129 and TIC=0 TIC=129 and TIC=0 SYNC_START TIC=0 SYNC_END TIC=126 AID_Position_0 TIC=66 AID_Position_1 TIC=86 AID_Position_2 TIC=106 AID_Position_3 TIC=126 Transmitter 22304B-19 AID Symbol 0 AID Symbol 1 AID Symbol 2 pulse 2 shown in position 1 pulse 0 pulse 1 TIC=129 and TIC=0 TIC=129 and TIC=0 SYNC_START TIC=0 SYNC_END TIC=126 AID_Position_0 TIC=66 AID_Position_1 TIC=86 AID_Position_2 TIC=106 AID_Position_3 TIC=126 Receiver D slice threshold END_RCV_BLANK AID_GUARD_INTERVAL Detected envelope 22304B-20 Pulse Position TICs from Beginning of AID Symbol Bit Encoding 166 00 286 01 3106 10 4126 11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |