Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C901AVC Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 51Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 52Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Am79C901A
55
PR ELI M IN AR Y
HPR28: HomePNA PHY ISBI Control Register (Register 28)
Table 36.
HPR28: HomePNA PHY ISBI Control Register (Register 28)
HPR29: HomePNA PHY TX Control Register
(Register 29)
Table 37.
HPR29: HomePNA PHY TX Control Register (Register 29)
HPR30: HomePNA PHY Drive Level Control Register (Register 30)
Table 38.
HPR30: HomePNA PHY Drive Level Control Register (Register 30)
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:8
ISBI_SLOW
This value defines the number of TCLKs (116.6 ns)
separating data pulses for Symbol 0 in low-speed
mode.
R/W
2C
7:0
ISBI_FAST
This value defines the number of TCLKs (116.6 ns)
separating data pulses for Symbol 0 in high-speed
mode.
R/W
1C
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:8
TX_PULSE_WIDTH
This value defines the duration of a transmit pulse in
OSC cycles (16.7 ns). This will effectively determine
the transmit spectrum of the PHY.
R/W
04
7:4
TX_PULSE_CYCLES_N
This value defines the number of pulses that will be
driven onto the HRTXRX_N pin.
R/W
4
3:0
TX_PULSE_CYCLES_P
This value defines the number of pulses that will be
driven onto the HRTXRX_P pin.
R/W
4
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:12
Reserved
Reserved. Must be written as 0. Read = X.
RXX
11:6
High Level Control
Defines the drive level that will be utilized in the High
Power mode.
R/W
15
5:0
Low Level Control
Defines the drive level that will be utilized in the Low
Power mode.
R/W
09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com