Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8745BI Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS8745BI Datasheet HTML 1Page - Renesas Technology Corp ICS8745BI Datasheet HTML 2Page - Renesas Technology Corp ICS8745BI Datasheet HTML 3Page - Renesas Technology Corp ICS8745BI Datasheet HTML 4Page - Renesas Technology Corp ICS8745BI Datasheet HTML 5Page - Renesas Technology Corp ICS8745BI Datasheet HTML 6Page - Renesas Technology Corp ICS8745BI Datasheet HTML 7Page - Renesas Technology Corp ICS8745BI Datasheet HTML 8Page - Renesas Technology Corp ICS8745BI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
3
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Function Tables
Table 3A. Control Input Function Table
*NOTE: VCO frequency range for all configurations above is 250MHz to 700MHz.
Inputs
Outputs
PLL_SEL = 1
PLL Enable Mode
SEL3
SEL2
SEL1
SEL0
Reference Frequency Range (MHz)*
Q[0:4], nQ[0:4]
0z
0
0
0
250 - 700
÷1
0001
125 - 350
÷1
0010
62.5 - 175
÷1
0011
31.25 - 87.5
÷1
0100
250 - 700
÷2
0101
125 - 350
÷2
0110
62.5 - 175
÷2
0111
250 - 700
÷4
1000
125 - 350
÷4
1001
250 - 700
÷8
1010
125 - 350
x2
1011
62.5 - 175
x2
1100
31.25 - 87.5
x2
1101
62.5 - 175
x4
1110
31.25 - 87.5
x4
1111
31.25 - 87.5
x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com