Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8745BI Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS8745BI Datasheet HTML 1Page - Renesas Technology Corp ICS8745BI Datasheet HTML 2Page - Renesas Technology Corp ICS8745BI Datasheet HTML 3Page - Renesas Technology Corp ICS8745BI Datasheet HTML 4Page - Renesas Technology Corp ICS8745BI Datasheet HTML 5Page - Renesas Technology Corp ICS8745BI Datasheet HTML 6Page - Renesas Technology Corp ICS8745BI Datasheet HTML 7Page - Renesas Technology Corp ICS8745BI Datasheet HTML 8Page - Renesas Technology Corp ICS8745BI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
5
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. LVDS Power Supply DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continuos Current
Surge Current
10mA
15mA
Package Thermal Impedance,
θ
JA
47.9
°C/W (0 lfpm)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
128
mA
IDDA
Analog Supply Current
18
mA
IDDO
Output Supply Current
62
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
CLK_SEL,
SEL[0:3], MR
VDD = VIN = 3.465V
150
µA
PLL_SEL
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK_SEL,
SEL[0:3], MR
VDD = 3.465V, VIN = 0V
-5
µA
PLL_SEL
VDD = 3.465V, VIN = 0V
-150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com