Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8745BI Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS8745BI Datasheet HTML 10Page - Renesas Technology Corp ICS8745BI Datasheet HTML 11Page - Renesas Technology Corp ICS8745BI Datasheet HTML 12Page - Renesas Technology Corp ICS8745BI Datasheet HTML 13Page - Renesas Technology Corp ICS8745BI Datasheet HTML 14Page - Renesas Technology Corp ICS8745BI Datasheet HTML 15Page - Renesas Technology Corp ICS8745BI Datasheet HTML 16Page - Renesas Technology Corp ICS8745BI Datasheet HTML 17Page - Renesas Technology Corp ICS8745BI Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
14
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
The following component footprints are used in this layout example.
All the resistors and capacitors are size 0603.
Power and Grounding
Place the decoupling capacitors as close as possible to the power
pins. If space allows, placement of the decoupling capacitor on the
component side is preferred. This can reduce unwanted inductance
between the decoupling capacitor and the power pin caused by the
via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power and
ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed as
close to the VDDA pin as possible.
Clock Traces and Termination
Poor signal integrity can degrade the system performance or cause
system failure. In synchronous high-speed digital systems, the clock
signal is less tolerant to poor signal integrity than other signals. Any
ringing on the rising or falling edge or excessive ring back can cause
system failure. The shape of the trace and the trace delay might be
restricted by the available space on the board and the component
location. While routing the traces, the clock signal traces should be
routed first and should be locked prior to routing other signal traces.
• The differential 50
Ω output traces should have the same length.
• Avoid sharp angles on the clock trace. Sharp angle turns cause
the characteristic impedance to change on the transmission
lines.
• Keep the clock traces on the same layer. Whenever
possible, avoid placing vias on the clock traces.
Placement of vias on the traces can affect the trace
characteristic impedance and hence degrade signal
integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow a separation of at least three trace
widths between the differential clock trace and the other
signal trace.
• Make sure no other signal traces are routed between the clock
trace pair.
• The matching termination resistors should be located as close
to the receiver input pins as possible.
Figure 5B. PCB Board Layout for ICS8745BI
C16
GND
U1
C5
50 Ohm
Traces
C2
VDDA
VDDO
VIA
Pin 1
C4
R7
C11
VDD
C6
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com