Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8745BI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS8745BI Datasheet HTML 2Page - Renesas Technology Corp ICS8745BI Datasheet HTML 3Page - Renesas Technology Corp ICS8745BI Datasheet HTML 4Page - Renesas Technology Corp ICS8745BI Datasheet HTML 5Page - Renesas Technology Corp ICS8745BI Datasheet HTML 6Page - Renesas Technology Corp ICS8745BI Datasheet HTML 7Page - Renesas Technology Corp ICS8745BI Datasheet HTML 8Page - Renesas Technology Corp ICS8745BI Datasheet HTML 9Page - Renesas Technology Corp ICS8745BI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
6
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Table 4C. Differential DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V
NOTE 2: For single-ended applications, the maximum input voltage for CLKx, nCLKx is VDD + 0.3V.
Table 4D. LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 5. Input Frequency Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK0, CLK1,
FB_IN
VDD = VIN = 3.465V
150
µA
nCLK0, nCLK1,
nFB_IN
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK0, CLK1,
FB_IN
VDD = 3.465V,
VIN = 0V
-5
µA
nCLK0, nCLK1,
nFB_IN
VDD = 3.465V,
VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
GND + 0.5
VDD – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
320
440
550
mV
∆V
OD
VOD Magnitude Change
0
50
mV
VOS
Offset Voltage
1.05
1.2
1.35
V
∆V
OS
VOS Magnitude Change
25
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
FIN
Input Frequency
CLK0/nCLK0,
CLK1/nCLK1
PLL_SEL = 1
31.25
700
µA
PLL_SEL = 0
700
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com