Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8745BI Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS8745BI Datasheet HTML 3Page - Renesas Technology Corp ICS8745BI Datasheet HTML 4Page - Renesas Technology Corp ICS8745BI Datasheet HTML 5Page - Renesas Technology Corp ICS8745BI Datasheet HTML 6Page - Renesas Technology Corp ICS8745BI Datasheet HTML 7Page - Renesas Technology Corp ICS8745BI Datasheet HTML 8Page - Renesas Technology Corp ICS8745BI Datasheet HTML 9Page - Renesas Technology Corp ICS8745BI Datasheet HTML 10Page - Renesas Technology Corp ICS8745BI Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
7
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
AC Electrical Characteristics
Table 6. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions..
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as the time difference between the input reference clock and the averaged feedback input signal across all conditions, when
the PLL is locked and the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 4: Phase jitter is dependent on the input source used.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 6: Characterized at VCO frequency of 622MHz.
NOTE 7: Measured from the 20% to 80% points. Guaranteed by characterization. Not production tested.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
700
MHz
tPD
Propagation Delay; NOTE 1
PLL_SEL = 0V, f
≤ 700MHz
2.9
3.4
4.0
ns
tsk(Ø)
Static Phase Offset; NOTE 2, 5
PLL_SEL = 3.3V
-100
25
150
ps
tsk(o)
Output Skew; NOTE 3, 5
40
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 5, 6
30
ps
tjit(
θ)
Phase Jitter; NOTE 4, 5, 6
±52
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time; NOTE 7
20% to 80%
200
700
ps
odc
Output Duty Cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com