| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 125 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 125 Page - Toshiba Semiconductor |
|
125 / 168 page ![]() Chapter 6 TX4955A System Interface 6-53 6.3.13 Data Rate Control The System interface supports a maximum data rate of one word per cycle, and an external agent may deliver data to the processor at this maximum data rate. The rate at which data is delivered to the processor can be controlled by the external agent by driving data and asserting EValid EValid EValid EValid* only when it wants data to be available. The processor interprets cycles as valid data cycles when EValid EValid EValid EValid* is asserted and the SysCmd bus contains a data identifier. The processor continues to accept data until the end of data (EOD) indicator is received. The rate at which the processor transmits data to an external agent is programmed in the WBRATE field in G2S Config register. Data patterns are specified using the letters D D D D and xxxx (D D D D indicates a data cycle and xxxx indicates an unused, or idle, cycle). A data pattern is specified as a sequence of data and unused cycles that will be repeated to provide the appropriate number of data cycles for a given transfer. For example, a data pattern of DDxx DDxx DDxx DDxx indicates a data rate of two words every four cycles. TX4955A supports two data rates, D D D D and Dxx Dxx Dxx Dxx. During a cycle indicated by an xxxx, the processor continues to hold the same data as the previous cycle. A processor block write request for two words with Dxx pattern is illustrated in Figure 6.3.25; this transaction results from a store doubleword instruction. EOD Data Data 1 Data 1 Data 1 Data 0 Data 0 Data 0 Write Addr 812 6 11 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EOK* PValid* PMaster* Figure 6.3.25 Processor Block Write Request With Dxx Data Rate |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |