| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 128 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 128 Page - Toshiba Semiconductor |
|
128 / 168 page ![]() Chapter 6 TX4955A System Interface 6-56 6.3.15 Starvation and Deadlock Avoidance. Careful use of the EReq EReq EReq EReq* signal allows a system to avoid starvation and deadlock situations. Whenever an external agent needs the bus, it can request the bus by asserting EReq EReq EReq EReq*. The external agent is guaranteed to gain mastership of the bus after accepting at most one read/write request from the processor. If the external agent also deasserts EOK EOK EOK EOK*, it is guaranteed to gain mastership of the bus without accepting any read/write request from the processor. The external agent can allow the processor to gain bus mastership, perform one read/write request and then relinquish mastership by the following sequence of actions: 1. deassert EReq EReq EReq EReq* 2. assert EReq EReq EReq EReq* 3. arbitrate for the bus while asserting EOK EOK EOK EOK* The minimum deassertion of EReq EReq EReq EReq* can be one cycle in length. shows an external agent relinquishing the bus to allow a single read/write request from the processor. The external agent must be ready to accept this request by keeping EOK EOK EOK EOK* asserted, otherwise the read/write request is held off or killed and the processor relinquishes bus mastership without extending a request. This could lead to starvation of the processor. EOD Data Data 0 Data 1 Write Addr 8 611 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd PValid* EOK* EReq* PMaster* Figure 6.3.30 External Agent Gives Up Bus for One Processor Request 6.3.16 Discarding and Re-Executing Read Command Figure 6.3.31 illustrates how a processor single read request is discarded and reexecuted. The following sequence describes the protocol. • Because the EOK EOK EOK EOK* signal is low in cycle 5, the processor tries to issue an address (cycle 6). • If the EOK EOK EOK EOK* signal is high at this point, the processor discards this read request and enters the slave status in the next cycle. • Because the EReq EReq EReq EReq* signal is inactive, the processor returns to the master status again and reissues a read request. Because the EOK EOK EOK EOK* signal is low in both the cycles 7 and 8, the issuance cycle of the read request is determined. • The external agent outputs data at the requsted address. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |