Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-M9BWNII Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 21Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 22Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 23Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 24Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 25Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 26Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 27Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 28Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
20
78
124
18
68
108
D-G59
D-G5P
D-K59
(g)
Grommet
Lead wire length
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
2 cores (Brown/Blue)
Auto switch model
D-G59
D-G5P
D-K59
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø4
ø1.22
0.3
ø0.08
24
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Solid State Auto Switch
Band Mounting Type
D-G59/D-G5P/D-K59
D-G5
, D-K59 (With indicator light)
Auto switch model
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-G59
NPN
28 VDC or less
40 mA or less
1.5 V or less
(0.8 V or less
at 10 mA load current)
D-G5P
PNP
—
80 mA or less
0.8 V or less
Red LED illuminates when turned ON.
CE marking, RoHS
D-K59
2-wire
—
24 VDC Relay, PLC
—
—
24 VDC (10 to 28 VDC)
5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
3-wire
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
100
µA or less at 24 VDC
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Dimensions
(mm)
Indicator light
ø4.5 mounting hole
Most sensitive position
1598



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com