Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-M9BWNII Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 40Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 41Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 42Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 43Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 44Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 45Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 46Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 47Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
Red
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
13
56
90
D-F79F
(g)
Grommet
Since the diagnostic output
signal can be detected in the
red display area, the difference
of detecting position can be
confirmed by the side of
PLC
(Programmable
Logic
Controller).
Lead wire length
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Auto switch model
D-F79F
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
4 cores (Brown/Blue/Black/Orange)
ø0.98
0.2
ø0.08
21
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Auto Switch Specifications
D-F79F (With indicator light)
Auto switch model
Wiring type
Output type
Diagnostic output
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-F79F
4-wire
NPN
Normal operation
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
28 VDC or less
50 mA or less at the total amount of normal output and diagnostic output
1.5 V or less (0.8 V or less at 5 mA)
100
µA or less at 24 VDC
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
CE marking, RoHS
Refer to SMC website for the details of
the products conforming to the
international standards.
PLC: Programmable Logic Controller
Dimensions
(mm)
ø3.2 Mounting hole
Most sensitive position
Indicator light
Diagnostic Output Operation
The diagnostic output signal is
output within the red display
area (where indicator light is
Red), and it is not output within
the proper operating range
(where indicator light is Green).
When the auto switch detecting
position is not adjusted, the
diagnostic output becomes
activated.
Indicator
light
OUT
(Normal output)
Lead wire (Black)
Diagnosis OUT
(Diagnostic output)
Lead wire (Orange)
Red
Green
Red
1617
2-Color Indicator with Diagnostic Output
Solid State Auto Switch: Rail Mounting Type
D-F79F
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com