Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-M9BWNII Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 84Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 85Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 86Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 87Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 88Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 89Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 90Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 91Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 92Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
D-B3 Series
Dimensions
Dimensions for Cylinder Mounting
G 1/2
Terminal part
42
69
41.5
500
41.5
42
59
85
∗ Recommended minimum bending radius for lead wire RT
: 25 mm or more
120
°C : 50 mm or more
Terminal conduit type D-B3
Terminal conduit type D-B3
J
85
42
59
Hs dimensions
(mm)
Cylinder model
MDB
57.5
63
69.5
78.5
89
CDA2
58.5
64
71
79.5
90
Bore size
40 mm
50 mm
63 mm
80 mm
100 mm
CDA2 B 50 – 200 –
– X1184
B31J S
Auto switch type
Symbol
Nil
B30
B30J
B31
B31J
B35
B35J
Description
Without auto switch
D-B30
D-B30J
D-B31
D-B31J
D-B35
D-B35J
Cylinder model
Symbol
CDA2
MDB
Description
CDA2 series (Bore size 40 to 100)
MDB series (Bore size 40 to 100)
Number of auto switches
Symbol
Nil
S
Description
2 pcs.
1 pc.
Cylinder
stroke
Mounting
Cylinder bore size
With built-in special magnet
Mounting cylinder part no.
∗ Please consult SMC in case the switch is to be mounted on models other than applicable cylinders.
(mm)
1672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com