Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-M9BWNII Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 5Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 6Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 7Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 8Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 9Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 10Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 11Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 12Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Prior to Use
Auto Switches Common Specifications 1
Auto Switches Common Specifications
Type
Leakage current
Operating time
Impact resistance
Insulation resistance
Withstand voltage
Ambient temperature
Enclosure
Reed auto switch
None
1.2 ms
300 m/s2
1500 VAC for 1 minute ∗1)
(Between lead wire and case)
Solid state auto switch
3-wire: 100
µA or less, 2-wire: 0.8 mA or less
1ms or less ∗3)
1000 m/s2 ∗4)
1000 VAC for 1 minute
(Between lead wire and case)
50 M
Ω or more (500 VDC measured via megohmmeter) (Between lead wire and case)
−10 to 60
°C
IEC60529 Standard IP67 ∗2)
Refer to the Auto Switch Precautions on pages 8 to 12 before using auto switches.
∗ 1) Electrical entry: Connector type (A73C/A80C/C73C/C80C): 1000 VAC/min.
(Between lead wire and the case)
∗ 2) The terminal conduit type (D-A3/A3A/A3C/G39/G39A/G39C/K39/K39A/K39C), DIN terminal
type (D-A44/A44A/A44C) and heat resistant auto switch (D-F7NJ) conform to IEC60529
Standard IP63.
The trimmer type amplifier section (D-R
K) conforms to IP40.
∗ 3) Excluding the solid state auto switches with a timer (G5NT/F7NT/F5NT types) and magnetic field
resistant 2-color indicator solid state auto switch (D-P3DW
/P4DW).
The operating time for D-J51 is 2 ms or less and for D-P3DW
/P4DW are 40 ms or less.
∗ 4) 980 m/s2 for the trimmer type sensor section, 98 m/s2 for the amplifier section.
Lead wire length indication
L
(Example)
Model
D-LC05
D-LC30
D-LC50
Lead wire length
0.5 m
3 m
5 m
Part No. of Lead Wires with Connectors
(Applicable only for connector type)
D-M9BW
Nil
M
L
Z
N ∗1)
SAPC
MAPC
SBPC
MBPC
SDPC
MDPC
LDPC
Length
0.5 m
1 m
3 m
5 m
None
0.5 m
1 m
0.5 m
1 m
0.5 m
1 m
3 m
Tolerance
±15 mm
±30 mm
±90 mm
±150 mm
−
±15 mm
±30 mm
±15 mm
±30 mm
±15 mm
±30 mm
±90 mm
Connector specifications
M8-3 pin
Plug connector
M8-4 pin
Plug connector
M12-4 pin A code (Normal key)
Plug connector
Solid state
 ∗2)
Reed
 ∗2)
 ∗3)
−
−
−
−
−
−
−
Symbol
Lead wire length
: Standard : Produced upon receipt of order (Standard)
∗ 1) Applicable to the connector type (D-C) only.
∗ 2) Applicable to the D-M9 (V), D-M9W (V), D-M9A (V), and D-A93 only.
∗ 3) Applicable to the D-B53/B54, D-C73(C)/C80C, D-A93(V), D-A73(C)/A80C, D-
A53/A54, D-Z73, and D-90/97/90A/93A only.
∗ 4) For reed auto switches M8 and M12 type with connector, please contact SMC.
∗ 5) The standard lead wire length of the trimmer auto switch is 3 m.
∗ 6) The standard lead wire length of the solid state auto switch with the timer except
for the D-P3DW and D-M9
A (V), water-resistant 2-color display solid state
auto switch, wide range detection auto switch, heat resistant 2-color display solid
state auto switch, and strong magnetic field resistant 2-color display solid state
auto switch is 3 m or 5 m. (Product with a lead wire length of 0.5 m is not avail-
able.)
Auto switch
model
Lead Wire
Lead wires with a connector indication
1584
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com