Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-M9BWNII Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 84Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 85Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 86Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 87Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 88Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 89Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 90Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 91Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 92Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
Auto switch model
Electrical entry
Application
Load voltage
Max. load voltage/Load current range
Internal circuit∗
Contact protection circuit
Internal voltage drop (internal resistance)
Leakage current
Indicator light
Standard
Grommet
Relay, PLC
q
Built-in
2.4 V or less
0
Red LED illuminates when turned ON.
D-P74L/Z (With indicator light)
D-P74
CE marking
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
48
189
320
D-P74
Lead wire length
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Auto switch model
Lead wire minimum bending radius [mm] (Reference values)
D-P74
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø6.8
2 cores (White/Black)
ø1.1
0.75
ø0.18
48
Oilproof Heavy-duty Lead Wire Specifications
Weight
(g)
Grommet
Precautions
Caution
Cylinder with a strong integrated magnet
must be used.
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Dimensions
(mm)
5
32
16
5
Indicator light
Most sensitive position
24 VDC
5 to 40 mA
100 VAC
5 to 20 mA
2 x 2 x ø6
Counterbore depth 2.4
2 x ø3.4 through
Magnetic Field Resistant Reed Auto Switch
D-P74
1669
D-
D-
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com