Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608 Datasheet(PDF) 31 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608 Datasheet(HTML) 31 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608 Datasheet HTML 27Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 28Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 29Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 30Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 31Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 32Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 33Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 35Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 377 page
background image
2.1.2 Divider for System Clock
A clock divider(CLK_DIV) is designed to slow down the operation speed of STC12C5620AD, to save
the operating power dynamically. User can slow down the MCU by means of writing a non-zero value to the
CLKS[2:0] bits in the CLK_DIV register. This feature is especially useful to save power consumption in idle
mode as long as the user changes the CLKS[2:0] to a non-zero value before entering the idle mode.
CLK_DIV register (Clock Divider)
SFR Name SFR Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
CLK_DIV
C7H
name
-
-
-
-
-
CLKS2 CLKS1 CLKS0
B2-B0 (CLKS2-CLKS0) :
000 External crystal/clock or On-Chip R/C clock is not divided (default state)
001 External crystal/clock or On-Chip R/C clock is divided by 2.
010 External crystal/clock or On-Chip R/C clock is divided by 4.
011 External crystal/clock or On-Chip R/C clock is divided by 8.
100 External crystal/clock or On-Chip R/C clock is divided by 16.
101 External crystal/clock or On-Chip R/C clock is divided by 32.
110 External crystal/clock or On-Chip R/C clock is divided by 64.
111 External crystal/clock or On-Chip R/C clock is divided by 128.
Not-divided
÷2
÷4
÷8
÷16
÷32
÷64
÷128
CLKS2,CLKS1,CLKS0
000
001
010
011
100
101
110
111
System Clock
(To CPU and peripherals)
Clock Structure
On-Chip R/C Clock
External crystal/clock
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com