Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608 Datasheet(PDF) 49 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608 Datasheet(HTML) 49 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608 Datasheet HTML 45Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 46Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 48Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 49Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 50Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 51Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 52Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 53Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 377 page
background image
Besides the POR voltage, there is a higher threshold voltage: the Low Voltage Detection (LVD) voltage for
STC12C5620AD series. When the VCC power drops down to the LVD voltage, the Low voltage Flag, LVDF
bit (PCON.5), will be set by hardware. (Note that during power-up, this flag will also be set, and the user should
clear it by software for the following Low Voltage detecting.) This flag can also generate an interrupt if the enable
bit of LVD interrupt is set to 1.
The threshold voltage of STC12C5620AD built-in low voltage detection reset is optional in STC-ISP Writer/
Programmer. The detection voltage of 5V MCU of STC12C5620AD series is optional between 3.7V and 3.3V as
shown in following figure.
2.3.5 Internal Low Voltage Detection Reset
The detection voltage of 3V MCU of STC12LE5620AD series is optional between 2.4V and 2.0V as shown in
following figure.
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com