Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608 Datasheet(PDF) 71 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608 Datasheet(HTML) 71 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608 Datasheet HTML 67Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 68Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 70Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 71Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 75Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 377 page
background image
Chapter 4. Configurable I/O Ports of STC12C5620AD series
4.1 I/O Ports Configurations
All I/O ports of STC12C5620AD may be independently configured to one of four modes by setting the
corresponding bit in two mode registers PxMn (x= 0 ~ 3, n = 0, 1).The four modes are quasi-bidirectional (standard
8051 port output), push-pull output, input-only or open-drain output. All port pins default to quasi-bidirectional
after reset. Each one has a Schmitt-triggered input for improved input noise rejection. Any port can drive 20mA
current, but the whole chip had better drive lower than 90mA current.
Configure I/O ports mode
P3 Configure <P3.7, P3.6, P3.5, P3.4, P3.3, P3.2, P3.1, P3.0 port> (P3 address
address B0H))
P3M0 7
0
P3M1 [7 0
I/O ports Mode
00
quasi_bidirectional(standard 8051 I/O port output
,
Sink Current up to 20mA , pull-up Current is 230μA ,
Because of manufactured error, the actual pull-up current is 250uA ~ 150uA
01
push-pull output(strong pull-up output current can be up to 20mA, resistors
need to be added to restrict current
1
0
input-only (high-impedance )
11
Open Drain internal
pull-up resistors should be disabled and external
pull-up resistors need to join.
Example: MOV P3M0, #10100000B
MOV
P3M1, #10010000B
;P3.7 in Open Drain mode, P3.5 in high-impedance input, P3.4 in strong push-pull output, P3.3/P3.2/P3.1/P3.0
in quasi_bidirectional/weak pull-up
/weak pull-up
P2M0 7
0
P2M1 [7 0
I/O ports Mode
00
quasi_bidirectional(standard 8051 I/O port output
,
Sink Current up to 20mA , pull-up Current is 230μA ,
Because of manufactured error, the actual pull-up current is 250uA ~ 150uA
01
push-pull output(strong pull-up output current can be up to 20mA, resistors
need to be added to restrict current
1
0
input-only (high-impedance )
11
Open Drain internal
pull-up resistors should be disabled and external
pull-up resistors need to join.
Example: MOV P2M0, #10100000B
MOV
P2M1, #11000000B
;P2.7 in Open Drain mode, P2.6 in strong push-pull output, P2.5 in high-impedance input, P2.4/P2.3/P2.2/
P2.1/P2.0 in quasi_bidirectional/weak pull-up
/weak pull-up
P2 Configure <P2.7, P2.6, P2.5, P2.4, P2.3, P2.2, P2.1, P2.0 port> (P2 address
address A0H))
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com