Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608 Datasheet(PDF) 40 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608 Datasheet(HTML) 40 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608 Datasheet HTML 36Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 37Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 38Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 39Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 40Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 41Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 42Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 43Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 44Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 377 page
background image
2.2.2 Idle Mode
An instruction that sets IDL/PCON.0 causes that to be the last instruction executed before going into the idle
mode, the internal clock is gated off to the CPU but not to the interrupt, timer, PCA, ADC, SPI, WDT and serial
port functions. The PCA can be programmed either to pause or continue operating during Idle. The CPU status is
preserved in its entirety: the RAM, Stack Pointer, Program Counter, Program Status Word, Accumulator, and all
other registers maintain their data during Idle. The port pins hold the logical states they had at the time Idle was
activated. Idle mode leaves the peripherals running in order to allow them to wake up the CPU when an interrupt
is generated. Timer 0, Timer 1, PWM timer and UART will continue to function during Idle mode.
There are two ways to terminate the idle. Activation of any enabled interrupt will cause IDL/PCON.0 to be
cleared by hardware, terminating the idle mode. The interrupt will be serviced, and following RETI, the next
instruction to be executed will be the one following the instruction that put the device into idle.
The flag bits (GF0 and GF1) can be used to give art indication if an interrupt occurred during normal operation
or during Idle. For example, an instruction that activates Idle can also set one or both flag bits. When Idle is
terminated by an interrupt, the interrupt service routine can examine the flag bits.
The other way to wake-up from idle is to pull RESET high to generate internal hardware reset.Since the clock
oscillator is still running, the hardware reset neeeds to be held active for only two machine cycles(24 oscillator
periods) to complete the reset.
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com