Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608 Datasheet(PDF) 6 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608 Datasheet(HTML) 6 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608 Datasheet HTML 2Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 3Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 4Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 5Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 6Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC12LE5608 Datasheet HTML 10Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 377 page
background image
11.5 SPI Function Demo Programs (Each other as the Master-Slave)..... 293
11.5.1 SPI Function Demo Programs using Interrupts (C and ASM)......................... 293
11.5.2 SPI Function Demo Programs using Polling ................................................... 299
Chapter 12. IAP / EEPROM .....................................................305
12.1 IAP / EEPROM Special Function Registers..................................... 306
12.2 STC12C5620AD series Internal EEPROM Allocation Table .......... 309
12.3 IAP/EEPROM Assembly Language Program Introduction ............. 310
12.4 EEPROM Demo Program (C and ASM).......................................... 313
Chapter 13. STC12 series Development/Programming Tool .321
13.1 In-System-Programming (ISP) principle.......................................... 321
13.2 STC12C5620AD series Typical Application Circuit for ISP ........... 322
13.3 PC side application usage................................................................. 324
13.4 Compiler / Assembler Programmer and Emulator ........................... 326
13.5 Self-Defined ISP download Demo .................................................. 326
Appendix A: Assembly Language Programming....................330
Appendix B: 8051 C Programming ..........................................352
Appendix C: STC12C5620AD series Electrical Characteristics .
...............................................................................362
Appendix D: Program for indirect addressing inner 256B RAM
...............................................................................364
Appendix E: Using Serial port expand I/O interface .............365
Appendix F:
Use STC MCU common I/O driving LCD Display
...............................................................................367
Appendix G: LED driven by an I/O port and Key Scan .........374
Appendix H: How to reduce the Length of Code through Keil C
...............................................................................375
Appendix I: Notes of STC12C5620AD series Application .....376
Appendix J: Notes of STC12 series Replaced Traditional 8051 ..
...............................................................................377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com