Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DML1010FDK Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Datasheet(HTML) 4 Page - Diodes Incorporated

  DML1010FDK Datasheet HTML 1Page - Diodes Incorporated DML1010FDK Datasheet HTML 2Page - Diodes Incorporated DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
4 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
Switching Electrical Characteristics (TA = +25°C, VVBIAS = VON = 5V, VIN = 1.05V, CIN = 1μF, COUT = 0.1μF, unless
otherwise specified.)
Symbol
Parameter
Min
Typ
Max
Unit
VIN = 1.5V, VVBIAS = VON = 5V
tON
Turn-ON Time
10
—
65
µs
tD-ON
Turn-ON Delay Time
7.5
—
45
tR
Turn-ON Rise Time
5
—
33
tOFF
Turn-OFF Time
—
0.2
—
tF
Turn-OFF Fall Time
—
0.7
—
VIN = 1.05V, VVBIAS = VON = 5V
tON
Turn-ON Time
10
—
65
µs
tD-ON
Turn-ON Delay Time
7.5
—
45
tR
Turn-ON Rise Time
5
—
33
tOFF
Turn-OFF Time
—
0.2
—
tF
Turn-OFF Fall Time
—
0.7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com