Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DML1010FDK Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated DML1010FDK Datasheet HTML 10Page - Diodes Incorporated DML1010FDK Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
10 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-8 (Type K)
Seating Plane
8x(a)
A3
A
A1
D2
D
e
(0.180)
L
(0.110)
E2
b(8x)
E
1
8
k
Pin1 I.D.
a) Actual shape depending upon manufacturing technology used.
U-DFN2020-8
(Type K)
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0.00
0.05
0.02
A3
—
—
0.152
b
0.20
0.30
0.25
D
1.95
2.05
2.00
D2
0.92
1.12
1.02
E
1.95
2.05
2.00
E2
1.50
1.70
1.60
e
0.50 BSC
k
—
—
0.25
L
0.19
0.29
0.24
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-8 (Type K)
X2
Y2
X1
X4
Y
X
X3
Y1
C
Y3
1
8
Dimensions
Value
(in mm)
C
0.500
X
0.450
X1
1.070
X2
0.650
X3
0.200
X4
2.370
Y
0.300
Y1
1.650
Y2
1.300
Y3
1.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com