Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DML1010FDK Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated DML1010FDK Datasheet HTML 10Page - Diodes Incorporated DML1010FDK Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
7 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
Performance Characteristics (@ TA = +25°C, unless otherwise specified) (continued)
VOUT
(200mV/div)
VON
(5V/div)
VOUT
(200mV/div)
VON
(5V/div)
VOUT
(200mV/div)
VON
(5V/div)
VOUT
(200mV/div)
VON
(5V/div)
VBIAS
(5V/div)
VON
(5V/div)
IOUT
(5A/div)
VOUT
(500mV/div)
VBIAS
(5V/div)
VON
(5V/div)
IOUT
(5A/div)
VOUT
(500mV/div)
Turn-ON & Turn-ON Rise Times
VIN=1.05V, VVBIAS=5V, CIN=1µF, COUT=0.1µF, ROUT
=10Ω
Turn-ON & Turn-ON Rise Times
VIN=1.05V, VVBIAS=3.2V, CIN=1µF, COUT=0.1µF, ROUT
=10Ω
Turn-OFF & Turn-OFF Fall Times
VIN=1.05V, VVBIAS=5V, CIN=1µF, COUT=0.1µF, ROUT
=10Ω
Turn-OFF & Turn-OFF Fall Times
VIN=1.05V, VVBIAS=3.2V, CIN=1µF, COUT=0.1µF, ROUT
=10Ω
Turn-ON & Turn-OFF at IOUT= -10A
VIN=1.05V, VVBIAS=5V, CIN=1µF, COUT=0.1µF, ROUT=0.1
Ω
Turn-ON & Turn-OFF at IOUT= -10A
VIN=1.05V, VVBIAS=3.2V, CIN=1µF, COUT=0.1µF, ROUT=0.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com