Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DML1010FDK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Datasheet(HTML) 1 Page - Diodes Incorporated

  DML1010FDK Datasheet HTML 1Page - Diodes Incorporated DML1010FDK Datasheet HTML 2Page - Diodes Incorporated DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
1 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
SINGLE CHANNEL SMART LOAD SWITCH
Description
The
DIODES™ DML1010FDK is a single channel load switch with
very low on-resistance in a small package. It contains an N-channel
MOSFET for up to VVBIAS-1.5V input voltage operation and 6A current
channel with 3.2V to 5.5V bias supply. The load switch is controlled
by a low voltage control signal through ON pin.
Features and Benefits
Low RDS(ON)—Ensures On-State Losses are Minimized
0.8V to VVBIAS-1.5V Input Voltage Range
6A Continuous Current
Low RDS(ON) Internal NFETs
8
mΩ at VBIAS = 5V, VIN = 1.05V, TA = +85°C
35µA Low Quiescent Current
10µs Turn on Rise Time
3.2V to 5.5V Bias Voltage
Integrated Quick Output Discharge Resistor
Moisture Sensitivity: Level 1 per J-STD-020
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-
Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
Applications
Portable electronics and systems
Notebooks and tablet computers
Telecom, networking, medical, and industrial equipment
Set-top boxes, servers, and gateways
SSD
Ordering Information (Note 4)
Part Number
Package
Packing
Qty.
Carrier
DML1010FDK-7
U-DFN2020-8 (Type K)
3000
Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Bottom View
Top View
U-DFN2020-8 (Type K)
LS10 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 22 = 2022)
WW = Week Code (01 to 53)
LS10
U-DFN2020-8 (Type K)
Top View
Bottom View
Pin1


Similar Part No. - DML1010FDK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1012LDS DIODES-DML1012LDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML1012LDS-13 DIODES-DML1012LDS-13 Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML1012LDS-7A DIODES-DML1012LDS-7A Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
More results

Similar Description - DML1010FDK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1007LDS DIODES-DML1007LDS Datasheet
872Kb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1008LDS DIODES-DML1008LDS Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML10M8LDS DIODES-DML10M8LDS Datasheet
667Kb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DLS3035FGBQ DIODES-DLS3035FGBQ Datasheet
1Mb / 8P
SINGLE CHANNEL SMART LOAD SWITCH
August 2022 Rev. 2 - 2
DML3010LFDS DIODES-DML3010LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 4 - 2
DML3011LFDS DIODES-DML3011LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 5 - 2
DML3012LDC DIODES-DML3012LDC Datasheet
1Mb / 13P
SINGLE CHANNEL SMART LOAD SWITCH
December 2022 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com