Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG47502V Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 5 Page - Renesas Technology Corp

  SLG47502V Datasheet HTML 1Page - Renesas Technology Corp SLG47502V Datasheet HTML 2Page - Renesas Technology Corp SLG47502V Datasheet HTML 3Page - Renesas Technology Corp SLG47502V Datasheet HTML 4Page - Renesas Technology Corp SLG47502V Datasheet HTML 5Page - Renesas Technology Corp SLG47502V Datasheet HTML 6Page - Renesas Technology Corp SLG47502V Datasheet HTML 7Page - Renesas Technology Corp SLG47502V Datasheet HTML 8Page - Renesas Technology Corp SLG47502V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
5 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
Figure 56: Frequency Detection Mode Timing Diagram...........................................................................................................80
Figure 57: Edge Detection Mode Timing Diagram ...................................................................................................................81
Figure 58: Delayed Edge Detection Mode Timing Diagram .....................................................................................................82
Figure 59: Counter Value, Counter Data = 3............................................................................................................................83
Figure 60: CNT/FSM Mode Timing Diagram (Reset Rising Edge Mode, OSC is Forced On, UP=0) for CNT Data = 3..........83
Figure 61: CNT/FSM Mode Timing Diagram (Set Rising Edge Mode, OSC is Forced On, UP = 0) for CNT Data = 3............84
Figure 62: CNT/FSM Mode Timing Diagram (Reset Rising Edge Mode, OSC is Forced On, UP = 1) for CNT Data = 3........84
Figure 63: CNT/FSM Mode Timing Diagram (Set Rising Edge Mode, OSC is Forced On, UP = 1) for CNT Data = 3............85
Figure 64: DLY/FSM Mode, Falling Edge Delay, OSC is Forced On, DFFs Synced Up, UP = 0, CNT Data = 3 ....................85
Figure 65: One Shot/FSM Mode, Rising Edge, OSC is Forced On, DFFs Synced Up, UP = 0, CNT Data = 3 .......................85
Figure 66: Freq. Detector/FSM Mode, Rising Edge, OSC is Forced On, DFFs Synced Up, UP = 0, CNT Data = 3 ...............86
Figure 67: Delayed Edge Detector/FSM Mode, Rising Edge, OSC is Forced On, DFFs Synced Up, UP = 0, CNT Data = 3 .86
Figure 68: Wake/Sleep Controller ............................................................................................................................................87
Figure 69: Wake/Sleep Timing Diagram, Normal Wake Mode, Counter Reset is Used ..........................................................88
Figure 70: Wake/Sleep Timing Diagram, Short Wake Mode, Counter Reset is Used .............................................................88
Figure 71: Wake/Sleep Timing Diagram, Normal Wake Mode, Counter Set is Used ..............................................................89
Figure 72: Wake/Sleep Timing Diagram, Short Wake Mode, Counter Set is Used .................................................................89
Figure 73: ACMP0H Block Diagram.........................................................................................................................................92
Figure 74: ACMP1H Block Diagram.........................................................................................................................................93
Figure 75: Typical Propagation Delay vs. Vref for ACMPxH at T = 25 °C, Gain = 1, Hysteresis = 0, VDD = 1.0 V to 1.65 V...94
Figure 76: ACMPxH Input Offset Voltage vs. Vref at T = -40 °C to 85 °C, VDD = 1.0 V to 1.65 V ...........................................94
Figure 77: Programmable Delay ..............................................................................................................................................95
Figure 78: Edge Detector Output .............................................................................................................................................95
Figure 79: Deglitch Filter/Edge Detector Simplified Structure ..................................................................................................96
Figure 80: Voltage Reference Block Diagram ..........................................................................................................................98
Figure 81: Typical Load Regulation, Vref = 200 mV, T = -40 °C to +85 °C, Buffer - Enable....................................................99
Figure 82: Typical Load Regulation, Vref = 400 mV, T = -40 °C to +85 °C, Buffer - Enable....................................................99
Figure 83: Typical Load Regulation, Vref = 600 mV, T = -40 °C to +85 °C, Buffer - Enable.................................................. 100
Figure 84: Typical Load Regulation, Vref = 850 mV, T = -40 °C to +85 °C, Buffer - Enable.................................................. 100
Figure 85: Typical Input Offset Voltage vs. Vref at VDD = 1.2 V, T = 25 °C ...........................................................................101
Figure 86: Oscillator0 Block Diagram.....................................................................................................................................103
Figure 87: Oscillator1 Block Diagram.....................................................................................................................................104
Figure 88: Clock Scheme ....................................................................................................................................................... 105
Figure 89: Oscillator0 Frequency vs. Temperature, OSC0 = 2.048 kHz................................................................................ 106
Figure 90: Oscillator1 Frequency vs. Temperature, OSC1 = 25 MHz.................................................................................... 106
Figure 91: Oscillators Total Error vs. Temperature, VDD = 1.0 V to 1.65 V............................................................................107
Figure 92: Oscillator0 Settling Time, VDD = 1.2 V, T = 25 °C, OSC0 = 2.048 kHz.................................................................108
Figure 93: Oscillator1 Settling Time, VDD = 1.2 V, T = 25 °C, OSC1 = 25 MHz (Normal Start).............................................108
Figure 94: Oscillator1 Settling Time, VDD = 1.2 V, T = 25 °C, OSC1 = 25 MHz (Start with Delay)........................................109
Figure 95: POR Sequence ..................................................................................................................................................... 111
Figure 96: Internal Macrocell States During POR Sequence ................................................................................................. 112
Figure 97: Power-Down.......................................................................................................................................................... 113
Figure 98: Basic Command Structure .................................................................................................................................... 115
Figure 99: I2C General Timing Characteristics....................................................................................................................... 115
Figure 100: Byte Write Command, R/W = 0........................................................................................................................... 116
Figure 101: Sequential Write Command ................................................................................................................................ 116
Figure 102: Current Address Read Command, R/W = 1........................................................................................................ 117
Figure 103: Random Read Command ................................................................................................................................... 117
Figure 104: Sequential Read Command ................................................................................................................................ 117
Figure 105: Reset Command Timing .....................................................................................................................................118
Figure 106: Example of I2C Byte Write Bit Masking............................................................................................................... 119
Figure 107: Analog Temperature Sensor Structure Diagram................................................................................................. 122
Figure 108: TS Output vs. Temperature, VDD = 1.0 V to 1.65 V ............................................................................................123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com