Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG47502V Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 91Page - Renesas Technology Corp SLG47502V Datasheet HTML 92Page - Renesas Technology Corp SLG47502V Datasheet HTML 93Page - Renesas Technology Corp SLG47502V Datasheet HTML 94Page - Renesas Technology Corp SLG47502V Datasheet HTML 95Page - Renesas Technology Corp SLG47502V Datasheet HTML 96Page - Renesas Technology Corp SLG47502V Datasheet HTML 97Page - Renesas Technology Corp SLG47502V Datasheet HTML 98Page - Renesas Technology Corp SLG47502V Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
95 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
10
Programmable Delay/Edge Detector
The SLG47512/13 has a programmable time delay logic cell that can generate a delay that is selectable from one of four timings
configured in the GreenPAK Designer. The programmable time delay cell can generate one of four different delay patterns, rising
edge detection, falling edge detection, both edge detection, and both edge delay. These four patterns can be further modified
with the addition of delayed edge detection, which adds an extra unit of delay, as well as glitch rejection during the delay period.
See Figure 77 and Figure 78 for further information.
Note: The input signal must be longer than the delay, otherwise it will be filtered out.
10.1 PROGRAMMABLE DELAY TIMING DIAGRAM - EDGE DETECTOR OUTPUT
Please refer to Table 11.
Figure 77: Programmable Delay
Figure 78: Edge Detector Output
Programmable
Delay
OUT
IN
registers [1443:1442]
From Connection Matrix Output [92]
To Connection
Matrix Input [40]
registers [1441:1440]
Edge Mode Selection
Delay Value Selection
time1
Edge Detector
Output
IN
Rising Edge Detector
Falling Edge Detector
Both Edge Detector
Both Edge Delay
time1
time1 is a fixed value
time2 delay value is selected via register
time2
time2
width
width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com