Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4L16M Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 5 Page - ON Semiconductor

  NB4L16M Datasheet HTML 1Page - ON Semiconductor NB4L16M Datasheet HTML 2Page - ON Semiconductor NB4L16M Datasheet HTML 3Page - ON Semiconductor NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NB4L16M
http://onsemi.com
5
Table 5. AC CHARACTERISTICS VCC = 2.375 V to 3.8 V, VEE = 0 V; (Note 8)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP Output Voltage Amplitude (@VINPPmin)fin ≤ 3.5 GHz
(Figures 3 and 4)
fin ≤ 4.5 GHz
280
150
400
300
280
150
400
300
280
150
400
300
mV
fDATA
Maximum Operating Data Rate
3.5
5.0
3.5
5.0
3.5
5.0
Gb/s
tPLH,
tPHL
Propagation Delay to Output Differential @ 0.5 GHz
(Figure 6)
175
215
265
175
220
265
175
225
265
ps
tSKEW
Duty Cycle Skew (Note 9)
Device−to−Device Skew (Note 13)
2.0
6.0
10
90
2.0
6.0
10
90
2.0
6.0
10
90
ps
tJITTER
RMS Random Clock Jitter (Note 11)
fin ≤ 4.5 GHz
Peak−to−Peak Data Dependent Jitter
(Note 12)
fDATA = 2.5 Gb/s
fDATA = 3.5 Gb/s
fDATA = 5.0 Gb/s
0.2
1.5
2.0
9.0
0.7
10
12
25
0.2
1.5
2.0
9.0
0.7
10
12
25
0.2
1.5
2.0
9.0
0.7
10
12
25
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 10)
75
VCC
−VEE
75
VCC
−VEE
75
VCC
−VEE
mV
tr
tf
Output Rise/Fall Times @ 0.5 GHz
(Figure 5)
(20% − 80%)
60
90
60
90
60
90
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Measured by forcing VINPP(MIN) from a 50% duty cycle clock source. All loading with an external RL = 50 W to VCC. Input edge rates 40 ps
(20% − 80%). See Figure 12 and 14.
9. Duty cycle skew is measured between differential outputs using the deviations of the sum of Tpw− and Tpw+ @ 0.5 GHz.
10.VINPP(MAX) cannot exceed VCC − VEE. Input voltage swing is a single−ended measurement operating in differential mode. See Figure 11.
11. Additive RMS jitter with 50% duty cycle input clock signal.
12.Additive peak−to−peak data dependent jitter with NRZ input data signal, PRBS 223−1 and K28.7 pattern. See Figures 7, 8, 9, 10, 11 and 12.
13.Device−to−device skew is measured between outputs under identical transition @ 0.5 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com