Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4L16M Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 1 Page - ON Semiconductor

  NB4L16M Datasheet HTML 1Page - ON Semiconductor NB4L16M Datasheet HTML 2Page - ON Semiconductor NB4L16M Datasheet HTML 3Page - ON Semiconductor NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 1
1
Publication Order Number:
NB4L16M/D
NB4L16M
2.5V/3.3V, 5 Gb/s Multi Level
Clock/Data Input to CML
Driver / Receiver / Buffer/
Translator with Internal
Termination
Description
The NB4L16M is a differential driver/receiver/buffer/translator
which can accept LVPECL, LVDS, CML, HSTL, LVCMOS/LVTTL
and produce 400 mV CML output. The device is capable of receiving,
buffering, and translating a clock or data signal that is as small as
75 mV operating up to 3.5 GHz or 5.0 Gb/s, respectively. As such, it is
ideal for SONET, GigE, Fiber Channel and backplane applications
(see Table 6 and Figures 20, 21 22, and 23).
Differential inputs incorporate internal 50
W termination resistors
and accept LVPECL (Positive ECL), LVTTL/LVCMOS, CML, HSTL
or LVDS. The differential 16 mA CML output provides matching
internal 50
W termination, and 400 mV output swing when externally
receiver terminated, 50
W to VCC (see Figure 19). These features
provide transmission line termination on chip, at the receiver and
driver end, eliminating any use of additional external components.
The VBB, an internally generated voltage supply, is available to this
device only. For single−ended input configuration, the unused
complementary differential input is connected to VBB as a switching
reference voltage. The VBB reference output can be used also to
re−bias capacitor coupled differential or single−ended output signals.
For the capacitor coupled input signals, VBB should be connected to
the VTD pin and bypassed to ground with a 0.01 mF capacitor. When
not used VBB should be left open.
This device is housed in a 3x3 mm 16 pin QFN package.
Application notes, models, and support documentation are available at
www.onsemi.com.
Features
Maximum Input Clock Frequency up to 3.5 GHz
Maximum Input Data Rate up to 5.0 Gb/s
< 0.7 ps Maximum Clock RMS Jitter
< 10 ps Maximum Data Dependent Jitter at 2.5 Gb/s
220 ps Typical Propagation Delay
60 ps Typical Rise and Fall Times
CML Output with Operating Range:
VCC = 2.375 V to 3.6 V with VEE = 0 V
CML Output Level (400 mV Peak−to−Peak Output),
Differential Output Only
50 W Internal Input and Output Termination Resistors
Functionally Compatible with Existing 2.5 V / 3.3 V LVEL, LVEP,
EP, and SG Devices
Pb−Free Packages are Available
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAM*
QFN−16
MN SUFFIX
CASE 485G
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
16
NB4L
16M
ALYWG
G
1
Q
Q
Figure 1. Functional Block Diagram
VTD
D
D
50 W
VTD
50 W
1
R1
R2
R1
R2
VEE
VCC
(Note: Microdot may be in either location)


Similar Part No. - NB4L16M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
More results

Similar Description - NB4L16M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NB4N527S ONSEMI-NB4N527S Datasheet
109Kb / 10P
3.3V, 2.5Gb/s Dual AnyLevel??to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
June, 2006 ??Rev. 3
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L216 ONSEMI-NB7L216 Datasheet
264Kb / 12P
2.5V/3.3V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2006 ??Rev. 2
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com