Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4L16M Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor NB4L16M Datasheet HTML 10Page - ON Semiconductor NB4L16M Datasheet HTML 11Page - ON Semiconductor NB4L16M Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NB4L16M
http://onsemi.com
10
Application Information
All NB4L16M inputs can accept LVPECL, CML, LVTTL, LVCMOS and LVDS signal levels. The limitations for differential
input signal (LVDS, PECL, or CML) are minimum input swing of 75 mV and the maximum input swing of 2500 mV. Within
these conditions, the input voltage can range from VCC to 1.2 V. Examples interfaces are illustrated below in a 50 W
environment (Z = 50
W).
50 W
VCC
D
D
50 W
VCC
VTD
VEE
VCC
Q
50 W 50 W
VEE
Figure 20. CML to CML Interface
Z
Q
Z
Figure 21. PECL to CML Receiver Interface
50 W
Z
Z
VCC
VCC
PECL
Driver
D
D
50 W
VEE
VBIAS
VTD
VEE
RT
RT
VEE
VCC
RT
5.0 V 290 W
3.3 V 150 W
2.5 V 80 W
Recommended RT Values
50 W
50 W
VCC
VTD
VBIAS
VTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com