Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4L16M Datasheet(PDF) 11 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor NB4L16M Datasheet HTML 10Page - ON Semiconductor NB4L16M Datasheet HTML 11Page - ON Semiconductor NB4L16M Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NB4L16M
http://onsemi.com
11
50 W
Z
Z
VCC
VCC
LVDS
Driver
50 W
VEE
VEE
D
D
VTD
VTD
Figure 22. LVDS to CML Receiver Interface
Figure 23. LVCMOS/LVTTL to CML Receiver Interface
50 W
Z
VCC
VCC
LVTTL/
LVCMOS
Driver
D
D
50 W
VEE
No Connect
VTD
VCC
VTD
No Connect
VREF
VREF
LVCMOS
LVTTL
1.5 V
Recommended VREF Values
VCC * VEE
2
ORDERING INFORMATION
Device
Package
Shipping†
NB4L16MMN
QFN−16
123 Units / Rail
NB4L16MMNG
QFN−16
(Pb−Free)
123 Units / Rail
NB4L16MMNR2
QFN−16
3000 / Tape & Reel
NB4L16MMNR2G
QFN−16
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com