Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4L16M Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 4 Page - ON Semiconductor

  NB4L16M Datasheet HTML 1Page - ON Semiconductor NB4L16M Datasheet HTML 2Page - ON Semiconductor NB4L16M Datasheet HTML 3Page - ON Semiconductor NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NB4L16M
http://onsemi.com
4
Table 4. DC CHARACTERISTICS, CLOCK INPUTS, CML OUTPUTS VCC = 2.375 V to 3.8 V, VEE = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
ICC
Power Supply Current (Inputs and Outputs Open)
30
45
55
mA
VOH
Output HIGH Voltage (Note 4)
VCC − 40
VCC − 10
VCC
mV
VOL
Output LOW Voltage (Note 4)
VCC − 500
VCC − 400
VCC − 300
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (Figures 15 and 17)
VTH
Input Threshold Reference Voltage Range (Note 6)
1050
VCC − 150
mV
VIH
Single−ended Input HIGH Voltage
Vth + 150
VCC
mV
VIL
Single−ended Input LOW Voltage
VEE
Vth − 150
mV
VBB
Internally Generated Reference Voltage Supply (Loaded with −100 mA)
VCC − 1500 VCC − 1400 VCC − 1300
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 16 and 18)
VIHD
Differential Input HIGH Voltage
1200
VCC
mV
VILD
Differential Input LOW Voltage
VEE
VCC − 150
mV
VCMR
Input Common Mode Range (Differential Configuration)
1125
VCC – 75
mV
VID
Differential Input Voltage (VIHD − VILD)
150
VCC – VEE
mV
IIH
Input HIGH Current (VTD/VTD Open)
D
D
0
0
100
50
150
100
mA
IIL
Input LOW Current (VTD/VTD Open)
D
D
−100
−150
−50
−100
0
0
mA
RTIN
Internal Input Termination Resistor
40
50
60
W
RTOUT
Internal Output Termination Resistor
40
50
60
W
RTemp
Coef
Internal I/O Termination Resistor Temperature Coefficient
16
mW/°C
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. CML outputs require 50 W receiver termination resistors to VCC for proper operation. See Figure 14.
5. Input and output parameters vary 1:1 with VCC.
6. Vth is applied to the complementary input when operating in single−ended mode.
7. VCMR min varies 1:1 with VEE, VCMRmax varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential
input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com