Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 255 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 255 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 251Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 252Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 253Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 254Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 255Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 256Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 257Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 258Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 5
6.3.1.1 INTERNAL REQUEST, MAXIMUM RATE. Internal generation using 100% of the
internal bus always has a transfer request pending for the channel until the transfer is
complete. As soon as the channel is started, the DMA will arbitrate for the internal bus and
begin to transfer data when it becomes bus master. If no exceptions occur, all operands in
the data block will be transferred in one burst so that the DMA will use 100% of the
available bus bandwidth.
6.3.1.2 INTERNAL REQUEST, LIMITED RATE. To guarantee that the DMA will not use
all of the available bus bandwidth during a transfer, internal requests can be generated
according to the amount of bus bandwidth allocated to the DMA. There are three
programmed constants in the CCR used to monitor the bus activity and allow the DMA to
use a percentage of the bus bandwidth. Options are 25%, 50%, and 75% of 1024 clock
periods. See Table 6-5 for more information.
6.3.2 External Request Generation
To control the transfer of operands to or from memory in an orderly manner, a peripheral
device uses the
DREQ
≈ input signal to request service. If the channel is programmed for
external request and the CCR STR bit is set, an external request (
DREQ
≈) signal must be
asserted before the channel requests the bus and begins a transfer. The DMA supports
external burst mode and external cycle steal mode.
The generation of the request from the source or destination is specified by the ECO bit of
the CCR. The external requests can be for either single- or dual-address transfers.
6.3.2.1 EXTERNAL BURST MODE. For external devices that require very high data
transfer rates, the burst request mode allows the DMA channel to use all of the bus
bandwidth under control of the external device. In burst mode, the
DREQ
≈ input to the
DMA is level sensitive and is sampled at certain points to determine when a valid request
is asserted by the device. The device requests service by asserting
DREQ
≈ and leaving it
asserted. In response, the DMA arbitrates for the bus and performs an operand transfer.
During each operand transfer, the DMA asserts DMA acknowledge (
DACK
≈) to indicate to
the device that a request is being serviced.
DACK
≈ is asserted on the cycle of either the
source or destination device, depending on which one generated the request as
programmed by the CCR ECO bit.
To allow more than one transfer to be recognized,
DREQ
≈ must meet the asynchronous
setup and hold times while
DACK
≈ is asserted in the DMA bus cycle. Upon completion of
a request,
DREQ
≈ should be held asserted (bursting) into the following DMA bus cycle to
allow another transfer to occur. The recognized request will immediately be serviced. If
DREQ
≈ is negated before DACK≈ is asserted, a new request is not recognized, and the
DMA channel releases ownership of the bus.
6.3.2.2 EXTERNAL CYCLE STEAL MODE. For external devices that generate a pulsed
signal for each operand to be transferred, the cycle steal request mode uses the
DREQ
≈
signal as a falling-edge-sensitive input. The
DREQ
≈ pulse generated by the device must
be asserted during two consecutive falling edges of the clock to be recognized as valid.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com