Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 257 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 253Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 254Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 255Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 256Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 257Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 258Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 259Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 260Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 7
place in one bus cycle, where only the memory is explicitly addressed. The DMA bus
cycle may be either a read or a write cycle. The DMA provides the address and control
signals required for the operation. The requesting device either sends or receives data to
or from the specified address. Only external requests can be used to start a transfer when
the single-address mode is selected. An external device uses
DREQ
≈ to request a
transfer.
Each DMA channel can be independently programmed to provide single-address
transfers. The CCR ECO bit controls whether a source read or a destination write cycle
occurs on the data bus. If the ECO bit is set, the external handshake signals are used with
the source operand and a single-address source read occurs. If the ECO bit is cleared,
the external handshake signals are used with the destination operand, and a single-
address destination write occurs. The channel can be programmed to operate in either
burst transfer mode or cycle steal mode. See 6.7 Register Description for more
information.
If external 32-bit devices and a 32-bit bus are used with the MC68340, the DMA can
control 32-bit transfers between devices that use the 32-bit bus in single-address mode
only. External logic is required to complete a 32-bit (long-word) transfer. If both byte and
word devices are used on an external bus, then an external multiplexer must be used to
correctly transfer data. The SIZx and A0 signals can be used to control this external
multiplexer.
6.4.1.1 SINGLE-ADDRESS READ. During the single-address source (read) cycle, the
DMA controls the transfer of data from memory to a device. The memory selected by the
address specified in the source address register (SAR), the source function codes in the
function code register (FCR), and the source size in the CCR provides the data and
control signals on the data bus. This bus cycle operates like a normal read bus cycle. The
DMA control signals (
DACK
≈ and DONE≈) are asserted in the source (read) cycle. See
Figures 6-5 and 6-6 for timing diagrams single-address read for external burst and cycle
steal modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com