Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 287 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 287 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 283Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 284Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 286Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 287Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 288Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 289Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 290Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 291Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 37
• Select the direction of transfer if in single-address mode (ECO bit), or select which
device generates requests if in dual-address mode.
6.9.1.1 DMA CHANNEL OPERATION IN SINGLE-ADDRESS MODE. The following steps
are required to begin a DMA transfer in single-address mode.
Channel Control Register (CCR)
• Write a zero to the start bit (STR) to prevent the channel from starting the transfer
prematurely.
• Select the amount by which to increment the source address for a read cycle (SAPI
bit) or the destination address for a write cycle (DAPI bit).
• Define the transfer size by selecting the source size for a read cycle (SSIZE field) or
by selecting the destination size for a write cycle (DSIZE field).
• Select external burst request mode or external cycle steal request mode (REQ field).
• Set the S/D bit for signal-address transfer.
Channel Status Register (CSR)
• Clear the CSR by writing $7C into it. The DMA cannot be started until the DONE, BES,
BED, CONF, and BRKP bits are cleared.
Function Code Register (FCR)
• Encode the source function code for a read cycle or the destination function code for a
write cycle.
Address Register (SAR or DAR)
• Write the source address for a read cycle or the destination address for a write cycle.
Byte Transfer Counter (BTC)
• Encode the number of bytes to be transferred.
Channel Control Register (CCR)
• Write a one to the start bit (STR) to allow the transfer to begin.
6.9.1.2 DMA CHANNEL OPERATION IN DUAL-ADDRESS MODE. The following steps
are required to begin a DMA transfer in dual-address mode.
Channel Control Register (CCR)
• Write a zero to the start bit (STR) to prevent the channel from starting the transfer
prematurely.
• Select the amount by which to increment the source and destination addresses (SAPI
and DAPI bits).
• Select the source and destination sizes (SSIZE and DSIZE fields).
• Select internal request, external burst request mode, or external cycle steal request
mode (REQ field).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com