Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 282Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 283Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 284Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 286Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 33
6.7.6 Source Address Register (SAR)
The SAR is a 32-bit register that contains the address of the source operand used by the
DMA to access memory or peripheral registers. This register is accessible in either
supervisor or user space. The SAR can always be read or written to when the DMA
module is enabled (i.e., the STP bit in the MCR is cleared).
SAR1, SAR2
$78C, $7AC
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
A31
A30
A29
A28
A27
A26
A25
A24
A23
A22
A21
A20
A19
A18
A17
A16
RESET:
UUUUUUUUUUUUUUUU
15
14
13
12
11
10
9876543210
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
RESET:
UUUUUUUUUUUUUUUU
U = Unaffected by reset
Supervisor/User
During the DMA read cycle, the SAR drives the address on the address bus. This register
can be programmed to increment (CCR SAPI bit set) or remain constant (CCR SAPI bit
cleared) after each operand transfer.
The register is incremented using unsigned arithmetic and will roll over if overflow occurs.
For example, if the register contains $FFFFFFFF and is incremented by 1, it will roll over
to $00000000. This register is incremented by 1, 2, or 4, depending on the size of the
operand and the memory starting address. If the operand size is byte, then the register is
always incremented by 1. If the operand size is word and the starting address is even-
word aligned, then the register is incremented by 2. If the operand size is long word and
the address is even-word aligned, then the register is incremented by 4. The SAR value
must be aligned to an even-word boundary if the transfer size is word or long word;
otherwise, the CSR CONF bit is set, and the transfer does not occur.
When read, this register always contains the next source address. If a bus error
terminates the transfer, this register contains the next source address that would have
been run had the error not occurred.
6.7.7 Destination Address Register (DAR)
The DAR is a 32-bit register that contains the address of the destination operand used by
the DMA to write to memory or peripheral registers. This register is accessible in either
supervisor or user space. The DAR can always be read or written to when the DMA
module is enabled (i.e., the STP bit in the MCR is cleared).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com