Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 281 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 282Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 283Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 284Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 31
IRQ—Interrupt Request
This bit is the logical OR of the DONE, BES, BED, CONF, and BRKP bits and is cleared
when they are all cleared. IRQ is positioned to allow conditional testing as a signed
binary integer. The state of this bit is not affected by the interrupt enable bits in the
CCR. The STR bit in the CCR cannot be set when this bit is set; all error status bits,
except the BRKP bit, must be cleared before the STR bit can be set.
1 = An interrupt condition has occurred.
0 = An interrupt condition has not occurred.
DONE—DMA Done
1 = The DMA channel has terminated normally.
0 = The DMA channel has not terminated normally. This bit is cleared by writing a
logic one or by a hardware reset. Writing a zero has no effect.
BES—Bus Error on Source
1 = The DMA channel has terminated with a bus error during the read bus cycle.
0 = The DMA channel has not terminated with a bus error during the read bus cycle.
This bit is cleared by writing a logic one or by a hardware reset. Writing a zero
has no effect.
BED—Bus Error on Destination
1 = The DMA channel has terminated with a bus error during the write bus cycle.
0 = The DMA channel has not terminated with a bus error during the write bus cycle.
This bit is cleared by writing a logic one or by a hardware reset. Writing a zero
has no effect.
CONF—Configuration Error
A configuration error results when either the SAR or the DAR contains an address that
does not match the port size specified in the CCR and the BTC register does not match
the larger port size or is zero.
1 = The CCR STR bit is set, and a configuration error is present.
0 = The CCR STR bit is set, and no configuration error exists. This bit is cleared by
writing a logic one or by a hardware reset. Writing a zero has no effect.
BRKP—Breakpoint
1 = The breakpoint signal was set during a DMA transfer.
0 = The breakpoint signal was not set during a DMA transfer. This bit is cleared by
writing a logic one or by a hardware reset. Writing a zero has no effect.
Bits 1, 0—Reserved
NOTE
The CSR is cleared by writing $7C to its location. The DMA
channel cannot be started until the CSR DONE, BES, BED,
CONF and BRKP bits are cleared.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com