Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 279 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 282Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 29
DSIZE—Destination Size Control Field
This field controls the size of the destination (write) bus cycle that the DMA channel is
running. Table 6-3 defines these bits.
Table 6-3. DSIZEx Encoding
Bit 7
Bit 6
Definition
0
0
Long Word*
0
1
Byte
1
0
Word
1
1
Not Used
*External logic is required to complete a long-
word transfer.
REQ—Request Generation Field
This field controls the mode of operation the DMA channel uses to make an operand
transfer request. Table 6-4 defines these bits.
Table 6-4. REQx Encoding
Bit 5
Bit 4
Definition
0
0
Internal Request at Programmable Rate
0
1
Reserved
1
0
External Request Burst Transfer Mode
1
1
External Request Cycle Steal
BB—Bus Bandwidth Field
This field controls the percentage of 1024 clock periods of the IMB that the DMA
channel can use during internal requests only. Table 6-5 defines these bits.
Table 6-5. BBx Encoding and Bus Bandwidth
REQ Field
BB Field
Bus Bandwidth
Bit 5
Bit 4
Bit 3
Bit 2
Definition
(Clock Periods)
0
0
0
0
25%
256
0
0
0
1
50%
512
0
0
1
0
75%
768
0
0
1
1
100%
1024
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com