Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 278 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 278 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 282Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 441 page
background image
6- 28
MC68340 USER’S MANUAL
MOTOROLA
Dual-Address Mode—This bit defines which device generates requests.
1 = If request generation is programmed to be external (REQ = 1x), the source
device generates the request, and the control signals (
DREQ
≈, DACK≈, and
DONE
≈) are part of the source (read) portion of the transfer.
0 = If request generation is programmed to be external (REQ = 1x), the destination
device generates the request, and the control signals (
DREQ
≈, DACK≈, and
DONE
≈) are part of the destination (write) portion of the transfer.
SAPI—Source Address Pointer Increment
1 = The SAR is incremented by 1, 2, or 4 after each transfer, according to the source
size. The address that is written into the SAR points to a memory block and is
incremented to complete the data transfer.
0 = The SAR is not incremented during operand transfer. The address that is written
into the SAR points to a peripheral device and is used for the complete data
transfer.
DAPI—Destination Address Pointer Increment
1 = The DAR is incremented by 1, 2, or 4 after each transfer, according to the source
size. The address that is written into the DAR points to a memory block and is
incremented to complete the data transfer.
0 = The DAR is not incremented during operand transfer. The address that is written
into the DAR points to a peripheral device and is used for the complete data
transfer.
SSIZE—Source Size Control Field
This field controls the size of the source (read) bus cycle that the DMA channel is
running. Table 6-2 defines these bits.
Table 6-2. SSIZEx Encoding
Bit 9
Bit 8
Definition
0
0
Long Word*
0
1
Byte
1
0
Word
1
1
Not Used
*External logic is required to complete a long-
word transfer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com