Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 274 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 274 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 270Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 271Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 272Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 273Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 441 page
background image
6- 24
MC68340 USER’S MANUAL
MOTOROLA
MCR1, MCR2
$780, $7A0
15
14
13
12
11
10
9876543210
STP
FRZ1
FRZ0
SE
0
ISM
SUPV
MAID
IARB
RESET:
0000000010000000
Supervisor Only
STP—Stop Bit
1 = Setting the STP bit stops all clocks within the DMA module except for the clock
from the IMB. The clock from the IMB remains active to allow the CPU32 access
to the MCR. The clock stops on the low phase of the clock and remains stopped
until the STP bit is cleared by the CPU32 or a hardware reset. Accesses to DMA
module registers while in stop mode produce a bus error. The DMA module
should be disabled in a known state before setting the STP bit. The STP bit
should be set prior to executing the LPSTOP instruction to reduce overall power
consumption.
0 = The channel operates in normal mode.
NOTE
The DMA module uses only one STP bit for both channels. A
read or write to either MCR accesses the same STP control bit.
FRZ1, FRZ0—Freeze
These bits determine the action taken when the FREEZE signal is asserted on the IMB
when the CPU32 has entered background debug mode. The DMA module negates
BR
and keeps it negated until FREEZE is negated or reset. Table 6-1 lists the action taken
for each bit combination.
Table 6-1. FRZx Control Bits
FRZ1
FRZ0
Action
0
0
Ignore FREEZE
0
1
Reserved
1
0
Freeze on Boundary*
1
1
Reserved
*The boundary is defined as any bus cycle by
the DMA module.
NOTE
The DMA module uses only one set of FRZx bits for both
channels. A read or write to either MCR accesses the same
FRZx control bits.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com