Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 270 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 270 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 266Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 267Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 268Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 269Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 270Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 271Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 272Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 273Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 441 page
background image
6- 20
MC68340 USER’S MANUAL
MOTOROLA
Each operand transfer in dual-address mode requires from two to five bus cycles in
response to each operand transfer request. If the source and destination operands are the
same size, two cycles will transfer the complete operand. If the source and destination
operands are different sizes, the number of cycles will vary. If the source is a long-word
and the destination is a byte, there would be one bus cycle for the read and four bus
cycles for the write. Once the DMA channel has started a dual-address operand transfer, it
must complete that transfer before releasing ownership of the bus or servicing a request
for another channel of equal or higher priority, unless one of the bus cycles is terminated
with a bus error during the transfer.
6.6.3 Channel Termination
The channel can terminate by normal completion or from an error. The status of a DMA
operation can be determined by reading the CSR. The DMA channel can also interrupt the
processor to inform it of errors, normal transfer completion, or breakpoints. The fast
termination option can also be used to provide a two-clock access for external requests.
6.6.3.1 CHANNEL TERMINATION. The channel operation can be terminated for several
reasons: the BTC is decremented to zero, a peripheral device asserts
DONE
≈ during an
operand transfer, the STR bit is cleared in the CCR, a bus cycle is terminated with a bus
error, or a reset occurs.
6.6.3.2 INTERRUPT OPERATION. Interrupts can be generated by error termination of a
bus cycle or by normal channel completion. Specifically, if the CCR interrupt error (INTE)
bit is set and a bus error on source (CCR BES) bit, bus error on destination (CCR BED)
bit, or configuration error (CCR CONF) bit is set, the CCR IRQ bit is set. In this case,
clearing the INTE, BES, BED, or CONF bits causes the IRQ bit to be cleared. If the
interrupt normal (CCR INTN) bit is set and the CCR DONE bit is set, the IRQ bit is set. In
this case, clearing the INTN or the DONE bit causes the IRQ bit to be cleared. If the
interrupt breakpoint (CCR INTB) and the CSR BRKP bits are set, the IRQ bit is set.
Clearing INTB or BRKP clears IRQ.
6.6.3.3 FAST TERMINATION OPTION. Using the system integration module (SIM40) chip
select logic, the fast termination option (Figure 6-13) can be employed to give a fast bus
access of two clock cycles rather than the standard three-cycle access time for external
requests. The fast termination option is described in Section 3 Bus Operation and
Section 4 System Integration Module.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com