Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 273 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 273 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 269Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 270Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 271Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 272Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 273Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 23
ADDRESS
FC
CH1
CH2
15
8
7
0
780
7A0
S
MODULE CONFIGURATION REGISTER (MCR)
782
7A2
S
RESERVED
784
7A4
S
INTERRUPT REGISTER
786
7A6
S/U
RESERVED
788
7A8
S/U
CHANNEL CONTROL REGISTER
78A
7AA
S/U
CHANNEL STATUS REGISTER
FUNCTION CODE REGISTER
78C
7AC
S/U
SOURCE ADDRESS REGISTER MSBs
78E
7AE
S/U
SOURCE ADDRESS REGISTER LSBs
790
7B0
S/U
DESTINATION ADDRESS REGISTER MSBs
792
7B2
S/U
DESTINATION ADDRESS REGISTER LSBs
794
7B4
S/U
BYTE TRANSFER COUNTER MSBs
796
7B6
S/U
BYTE TRANSFER COUNTER LSBs
798
7B8
S/U
RESERVED
79A
7BA
S/U
RESERVED
79C
7BC
S/U
RESERVED
79E
7BE
S/U
RESERVED
Figure 6-15. DMA Module Programming Model
In the registers discussed in the following paragraphs, the numbers in the upper right-
hand corner indicate the offset of the register from the base address specified by the
module base address register (MBAR) in the SIM40. The first number is the offset for
channel 1; the second number is the offset for channel 2. The numbers above the register
represent the bit position in the register. The register contains the mnemonic for the bit.
The value of these bits after a hardware reset is shown below the register. The access
privilege is shown in the lower right-hand corner.
NOTE
A CPU32 RESET instruction will not affect the MCR but will
reset all other registers in the DMA module as though a
hardware reset occurred. The term DMA is used to reference
either channel 1 or channel 2, since the two are functionally
equivalent.
6.7.1 Module Configuration Register (MCR)
The MCR controls the DMA channel configuration. Each DMA channel has an MCR. This
register can be either read or written when the channel is enabled and is in the supervisor
state. The MCR is not affected by a CPU32 RESET instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com