Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 272 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 272 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 268Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 269Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 270Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 271Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 272Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 273Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 441 page
background image
6- 22
MC68340 USER’S MANUAL
MOTOROLA
..
...
NOTE
1. To cause another DMA transfer, the DREQx is asserted after DACKx is asserted and before DACKx is negated.
2. DACKx and DONEx (DMA control signals) are asserted in the source (read) DMA cycle.
A31–A0
FC3–FC0
SIZ1–SIZ0
R/W
AS
DS
DSACKx
S0
S2
S4
S0
S0
S0
S4
D15–D0
DREQx
DACKx
DONEx
(OUTPUT)
DMA READ
CPU CYCLE
CLKOUT
CPU CYCLE
DMA WRITE
DMA READ
DMA WRITE
S0
S4
S4
S0
S0
S4
S4
S2
Figure 6-14. Fast Termination Option (External Burst–Source Requesting)
6.7 REGISTER DESCRIPTION
The following paragraphs contain a detailed description of each register and its specific
function. Figure 6-15 is a programmer's model (register map) of all registers in the DMA
module. Each channel has an independent set of registers. For more information about a
particular register, refer to the individual register description. The ADDRESS column
indicates the offset of the register from the base address of the DMA channel. The FC
column designation of S indicates that register access is restricted to supervisor only. A
designation of S/U indicates that access is governed by the SUPV bit in the module
configuration register (MCR).
Unimplemented memory locations return logic zero when accessed. All registers support
both byte and word transfers.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com