Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 271 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 271 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 267Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 268Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 269Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 270Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 271Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 272Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 273Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 21
........
.
. .......
NOTE:
1. To cause another DMA transfer, DREQx is asserted after DACKx is asserted and before
DACKx is negated.
2. DACKx and DONEx (DMA control signals) are asserted in the source (read) DMA cycle.
A31–A0
FC3–FC0
SIZ1–SIZ0
R/W
AS
DS
DSACKx
S0
S2
S4
S0
S4
S0
S2
S4
S0
S2
D15–D0
DREQx
DACKx
DONEx
(OUTPUT)
DMA READ
CPU CYCLE
CLKOUT
CPU CYCLE
DMA READ
Figure 6-13. Fast Termination Option (Cycle Steal)
If the fast termination option is used with external burst request mode (Figure 6-14), an
extra DMA cycle may result on every burst transfer. Normally,
DREQ
≈ is negated when
DACK
≈ is returned. In the burst mode with fast termination selected, a new cycle starts
even if
DREQ
≈ is negated simultaneously with DACK≈ assertion.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com