Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 277 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 277 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 273Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 281Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 27
CCR1, CCR2
$788, $7A8
15
14
13
12
11
10
9876543210
INTB
INTN
INTE
ECO
SAPI
DAPI
SSIZE
DSIZE
REQ
BB
S/D
STR
RESET:
UUUUUUUUUUUUUUU0
U = Unaffected by reset
Supervisor/User
INTB—Interrupt Breakpoint
Setting the interrupt breakpoint bit sets the BRKP bit in the CSR. The logic AND of INTB
and BRKP generates an interrupt request.
1 = Enables an
IRQ
≈ when a breakpoint is recognized and the channel is the bus
master.
0 = Does not enable an
IRQ
≈ when a breakpoint is recognized and the channel is
the bus master.
INTN—Interrupt Normal
1 = Enables an
IRQ
≈ when the channel finishes a transfer without an error condition
(CSR DONE bit is set).
0 = Does not enable an
IRQ
≈ when the channel finishes a transfer without an error
condition.
INTE—Interrupt Error
1 = Enables an
IRQ
≈ when the channel encounters an error on source read (CSR
BES bit is set), destination write (CSR BED bit is set), or configuration for
channel setup (CSR CONF bit is set).
0 = Does not enable an
IRQ
≈ when the channel encounters an error on source read,
destination write, or configuration for channel setup.
ECO—External Control Option
If request generation is programmed to be internal (REQ bits = 00), this bit has no
effect.
Single-Address Mode—This bit defines the direction of transfer.
1 = If request generation is programmed to be external (REQ = 1x), the requesting
device receives the data (read from memory), and the control signals (
DREQ
≈,
DACK
≈, and DONE≈) are used by the requesting device to write data during the
source (read) portion of the transfer.
0 = If request generation is programmed to be external (REQ = 1x), the requesting
device provides the data (write to memory), and the control signals (
DREQ
≈,
DACK
≈, and DONE≈) are used by the requesting device to provide data during
the destination (write) portion of the transfer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com