Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 280 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 280 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 282Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 283Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 284Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 441 page
background image
6- 30
MC68340 USER’S MANUAL
MOTOROLA
S/D—Single-/Dual-Address Transfer
1 = The DMA channel runs single-address transfers from a peripheral to memory or
from memory to a peripheral. The destination holding register is not used for
these transfers because the data is transferred directly into the destination
location. The MC68340 on-chip peripherals do not support single-address
transfers.
0 = The DMA channel runs dual-address transfers.
STR—Start
This bit is cleared by a hardware/software reset, writing a logic zero, or setting one of
the following CSR bits: DONE, BES, BED, CONF, or BRKP. The STR bit cannot be set
when the CSR IRQ bit is set. The DMA channel cannot be started until the CSR DONE,
BES, BED, CONF, and BRKP bits are cleared.
Internal Request Mode:
1 = The DMA transfer starts as soon as this bit is set.
0 = The DMA transfer can be stopped by clearing this bit.
External Request Mode:
1 = Setting this bit allows the DMA to start the transfer when a
DREQ
≈ input is
received from an external device.
0 = The DMA transfer can be stopped by clearing this bit.
NOTE
If any fields in the CCR are modified while the channel is
active, that change is effective immediately. To avoid any
problems with changing the setup for the DMA channel, a zero
should be written to the STR bit in the CCR to halt the DMA
channel at the end of the current bus cycle.
6.7.4 Channel Status Register (CSR)
The CSR contains the channel status information. This register is accessible in either
supervisor or user space. The CSR can always be read or written to when the DMA
module is enabled (i.e., the STP bit in the MCR is cleared).
CSR1, CSR2
$78A, $7AA
76543210
IRQ
DONE
BES
BED
CONF
BRKP
0
0
RESET
00000000
Supervisor/User
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com