Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 282 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 282 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 282Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 283Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 284Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 286Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 441 page
background image
6- 32
MC68340 USER’S MANUAL
MOTOROLA
6.7.5 Function Code Register (FCR)
The FCR contains the source and destination function codes for the channel. This register
is accessible in either supervisor or user space. The FCR can always be read or written to
when the DMA module is enabled (i.e., the STP bit in the MCR is cleared).
FCR1, FCR2
$78B, $7AB
76543210
SFC
DFC
RESET:
UUUUUUUU
U = Unaffected by reset.
Supervisor/User
SFC—Source Function Code Field
This field can be used to specify the source access to a certain address space type.
The source function code bits are defined in Table 6-6.
DFC—Destination Function Code Field
This field can be used to specify the destination access to a certain address space type.
The destination function code bits are defined in Table 6-6.
Table 6-6. Address Space Encoding
Function Code Bits
3
2
1
0
Address Spaces
0
0
0
0
Reserved (Motorola)
0
0
0
1
User Data Space
0
0
1
0
User Program Space
0
0
1
1
Reserved (User)
0
1
0
0
Reserved (Motorola)
0
1
0
1
Supervisor Data Space
0
1
1
0
Supervisor Program
Space
0
1
1
1
CPU Space
1
x
x
x
DMA Space
NOTE
Although FC3 can be set for DMA transfers to distinguish the
source or destination space from other data or program
spaces, it is not required to be set. Since the CPU32 currently
has only 3-bit SFC and DFC capability, it cannot emulate
FC3 = 1 at this time. However, it is recommended that FC3 be
set to one to distinguish DMA or CPU access during debug.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com