Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 310 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 310 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 306Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 307Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 308Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 309Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 310Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 311Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 312Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 313Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 314Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 15
(a) Automatic Echo
(b) Local Loopback
(c) Remote Loopback
DISABLED
DISABLED
DISABLED
DISABLED
Rx
Tx
Rx
Tx
Rx
Tx
TxDx
OUTPUT
RxDx
INPUT
RxDx
INPUT
RxDx
INPUT
TxDx
OUTPUT
TxDx
OUTPUT
DISABLED
DISABLED
CPU
CPU
CPU
DISABLED
DISABLED
Figure 7-7. Looping Modes Functional Diagram
7.3.4 Multidrop Mode
A channel can be programmed to operate in a wakeup mode for multidrop or
multiprocessor applications. Functional timing information for the multidrop mode is shown
in Figure 7-8. The mode is selected by setting bits 3 and 4 in mode register 1 (MR1). This
mode of operation allows the master station to be connected to several slave stations
(maximum of 256). In this mode, the master transmits an address character followed by a
block of data characters targeted for one of the slave stations. The slave stations have
their channel receivers disabled. However, they continuously monitor the data stream sent
out by the master station. When an address character is sent by the master, the slave
receiver channel notifies its respective CPU by setting the RxRDY bit in the SR and
generating an interrupt (if programmed to do so). Each slave station CPU then compares
the received address to its station address and enables its receiver if it wishes to receive
the subsequent data characters or block of data from the master station. Slave stations
not addressed continue to monitor the data stream for the next address character. Data
fields in the data stream are separated by an address character. After a slave receives a
block of data, the slave station's CPU disables the receiver and initiates the process
again.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com