Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 314 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 314 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 310Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 311Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 312Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 313Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 314Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 315Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 316Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 317Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 318Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 19
Address
FC
Register Read (R/W = 1)
Register Write (R/W = 0)
700
S1
MCR (HIGH BYTE)
MCR (HIGH BYTE)
701
S
MCR (LOW BYTE)
MCR (LOW BYTE)
702
S
DO NOT ACCESS3
DO NOT ACCESS3
703
S
DO NOT ACCESS3
DO NOT ACCESS3
704
S
INTERRUPT LEVEL (ILR)
NTERRUPT LEVEL (ILR)
705
S
INTERRUPT VECTOR (IVR)
INTERRUPT VECTOR (IVR)
710
S/U2
MODE REGISTER 1A (MR1A)
MODE REGISTER 1A (MR1A)
711
S/U
STATUS REGISTER A (SRA)
CLOCK-SELECT REGISTER A (CSRA)
712
S/U
DO NOT ACCESS3
COMMAND REGISTER A (CRA)
713
S/U
RECEIVER BUFFER A (RBA)
TRANSMITTER BUFFER A (TBA)
714
S/U
INPUT PORT CHANGE REGISTER (IPCR)
AUXILIARY CONTROL REGISTER (ACR)
715
S/U
INTERRUPT STATUS REGISTER (ISR)
INTERRUPT ENABLE REGISTER (IER)
716
S/U
DO NOT ACCESS3
DO NOT ACCESS3
717
S/U
DO NOT ACCESS3
DO NOT ACCESS3
718
S/U
MODE REGISTER 1B (MR1B)
MODE REGISTER 1B (MR1B)
719
S/U
STATUS REGISTER B (SRB)
CLOCK-SELECT REGISTER B (CSRB)
71A
S/U
DO NOT ACCESS3
COMMAND REGISTER B (CRB)
71B
S/U
RECEIVER BUFFER B (RBB)
TRANSMITTER BUFFER B (TBB)
71C
S/U
DO NOT ACCESS3
DO NOT ACCESS3
71D
S/U
INPUT PORT REGISTER (IP)
OUTPUT PORT CONTROL REGISTER (OPCR)
71E
S/U
DO NOT ACCESS3
OUTPUT PORT (OP)4 BIT SET
71F
S/U
DO NOT ACCESS3
OUTPUT PORT (OP)4 BIT RESET
720
S/U
MODE REGISTER 2A (MR2A)
MODE REGISTER 2A (MR2A)
721
S/U
MODE REGISTER 2B (MR2B)
MODE REGISTER 2B (MR2B)
NOTES:
1.
S = Register permanently defined as supervisor-only access
2.
S/U = Register programmable as either supervisor or user access
3.
A read or write to these locations currently has no effect.
4.
Address-triggered commands
Figure 7-9. Serial Module Programming Model
7.4.1.1 MODULE CONFIGURATION REGISTER (MCR). The MCR controls the serial
module configuration. This register can be either read or written when the module is
enabled and is in the supervisor state. The MCR is not affected by a CPU32 RESET
instruction. Only the MCR can be accessed when the module is disabled (i.e., the STP bit
in the MCR is set).
MCR
$700
15
14
13
12
11
10
9876543210
STP
FRZ1
FRZ0
ICCS
0
000
SUPV
000
IARB
RESET:
0
000000010000000
Read/Write
Supervisor Only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com