Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 441 page
background image
4- 26
MC68340 USER’S MANUAL
MOTOROLA
Table 4-8. BMTx Encoding
BMT1
BMT0
Bus Monitor Timeout Period
0
0
64 system clocks (CLKOUT)
0
1
32 system clocks
1
0
16 system clocks
1
1
8 system clocks
4.3.2.6 PERIODIC INTERRUPT CONTROL REGISTER (PICR). The PICR contains the
interrupt level and the vector number for the periodic interrupt request. This register can
be read or written at any time. Bits 15–11 are unimplemented and always return zero; a
write to these bits has no effect.
PICR
$022
15
14
13
12
11
10
9876543210
00000
PIRQL2 PIRQL1 PIRQL0
PIV7
PIV6
PIV5
PIV4
PIV3
PIV2
PIV1
PIV0
RESET:
0000000000001111
Supervisor Only
Bits 15–11—Reserved
PIRQL2–PIRQL0—Periodic Interrupt Request Level
These bits contain the periodic interrupt request level. Table 4-9 lists which interrupt
request level is asserted during an IACK cycle when a periodic interrupt is generated.
The periodic timer continues to run when the interrupt is disabled.
Table 4-9. PIRQL Encoding
PIRQL2
PIRQL1
PIRQL0
Interrupt Request Level
0
0
0
Periodic Interrupt Disabled
0
0
1
Interrupt Request Level 1
0
1
0
Interrupt Request Level 2
0
1
1
Interrupt Request Level 3
1
0
0
Interrupt Request Level 4
1
0
1
Interrupt Request Level 5
1
1
0
Interrupt Request Level 6
1
1
1
Interrupt Request Level 7
NOTE:
Use caution with a level 7 interrupt encoding due to the
SIM40's interrupt servicing order. See 4.2.2.7 Simultaneous
Interrupts by Sources in the SIM40 for the servicing order.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com