Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 27
PIV7–PIV0—Periodic Interrupt Vector Bits 7–0
These bits contain the value of the vector generated during an IACK cycle in response
to an interrupt from the periodic timer. When the SIM40 responds to the IACK cycle, the
periodic interrupt vector from the PICR is placed on the bus. This vector number is
multiplied by four to form the vector offset, which is added to the vector base register to
obtain the address of the vector.
4.3.2.7 PERIODIC INTERRUPT TIMER REGISTER (PITR). The PITR contains control for
prescaling the software watchdog and periodic timer as well as the count value for the
periodic timer. This register can be read or written at any time. Bits 15–10 are not
implemented and always return zero when read. A write does not affect these bits.
PITR
$024
15
14
13
12
11
10
9876543210
000000
SWP
PTP
PITR7
PITR6
PITR5
PITR4
PITR3
PITR2
PITR1
PITR0
RESET:
000000
MODCK MODCK
00000000
Supervisor Only
Bits 15–10—Reserved
SWP—Software Watchdog Prescale
This bit controls the software watchdog clock source as shown in 4.3.2.5 System
Protection Control Register (SYPCR).
1 = Software watchdog clock prescaled by a value of 512.
0 = Software watchdog clock not prescaled.
The SWP reset value is the inverse of the MODCK bit state on the rising edge of reset.
PTP—Periodic Timer Prescaler Control
This bit contains the prescaler control for the periodic timer.
1 = Periodic timer clock prescaled by a value of 512.
0 = Periodic timer clock not prescaled.
The PTP reset value is the inverse of the MODCK bit state on the rising edge of reset.
PITR7–PITR0—Periodic Interrupt Timer Register Bits 7–0
The remaining bits of the PITR contain the count value for the periodic timer. A zero
value turns off the periodic timer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com